PART |
Description |
Maker |
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
36-00036-D1 36-00036 |
INDUCTOR TOROID 1MH 4A 1.68 DUA X .65 WIDE 电感环型1MHA 1.68杜亚X 0.65
|
Vicor, Corp. VICOR[Vicor Corporation]
|
MAX4715 MAX4715EXK-T MAX4716EXK-T MAX4715-MAX4716 |
0.4 / Low-Voltage / Single-Supply SPST Analog Switches in SC70 0.4? Low-Voltage, Single-Supply SPST Analog Switches in SC70 0.4, Low-Voltage, Single-Supply SPST Analog Switches in SC70 0.4 Low-Voltage Single-Supply SPST Analog Switches in SC70 0.4з, Low-Voltage, Single-Supply SPST Analog Switches in SC70 0.4з,低电压,单电源SPST模拟开关采用SC70
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADCMP600NBSP ADCMP600 ADCMP600BRJ-RL |
COMPARATOR, 5000 uV OFFSET-MAX, 3 ns RESPONSE TIME, PDSO5 From old datasheet system ADCMP600 - Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator in 5-lead SC70 Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator in 5-lead SC70 and SOT-23
|
ANALOG DEVICES INC
|
29F200 M295V200BB45M1T M295V200BB45N1T M29F200BB45 |
2 Mbit 256Kb x8 or 128Kb x16 / Boot Block Single Supply Flash Memory Single SVS For 3.0V Systems W/Programmable Time Delay 8-SOIC -40 to 85 Single SVS For 3.0V Systems W/Programmable Time Delay 8-PDIP -40 to 85 Single Schmitt-Trigger Inverter 5-SC70 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single Bus Buffer Gate With 3-State Output 5-SC70 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪
|
意法半导 STMicroelectronics N.V.
|
2SC3090 0289 2SC3090M |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits From old datasheet system NPN Triple Diffused Planar Silicon Transistor For Switching Regulators
|
Sanyo Semicon Device
|
OM6035NM OM6036NM OM6037NM OM6034NM |
100V Single N-Channel Hi-Rel MOSFET in a SMD-1 package 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 11A条(丁)|贴片 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier
|
2SC3450N 2SC3450M 2SC3450L |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 500V V(BR)CEO | 10A I(C) | TO-218VAR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 500V五(巴西)总裁| 10A条一(c)|18VAR
|
Sanyo Electric Co., Ltd.
|
2SC1573B 2SC1573A 2SC1573 2SC1573BQ 2SC1573AP 2SC1 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 400V五(巴西)总裁|提供70mA一(c)|2 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 70MA I(C) | TO-92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
Panasonic, Corp. Matsshita / Panasonic
|
2SC3583 2SC3583R 2SC3583S 2SC3583R35 2SC3583R34 2S |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体 BJT 双极型晶体管
|
NEC Corp. NEC, Corp.
|
LTC2630HSC6-LM8TRMPBF LTC2630CSC6-HM8TRPBF LTC2630 |
Single 10-Bit Rail-to-Rail DACs with Integrated Reference in SC70; Package: SC70; No of Pins: 6; Temperature Range: -40° to 125°C SERIAL INPUT LOADING, 3.2 us SETTLING TIME, 8-BIT DAC, PDSO6 Single 10-Bit Rail-to-Rail DACs with Integrated Reference in SC70; Package: SC70; No of Pins: 6; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 3.7 us SETTLING TIME, 8-BIT DAC, PDSO6 Single 10-Bit Rail-to-Rail DACs with Integrated Reference in SC70; Package: SC70; No of Pins: 6; Temperature Range: -40° to 125°C SERIAL INPUT LOADING, 3.7 us SETTLING TIME, 8-BIT DAC, PDSO6 Single 10-Bit Rail-to-Rail DACs with Integrated Reference in SC70; Package: SC70; No of Pins: 6; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 3.2 us SETTLING TIME, 8-BIT DAC, PDSO6 Single 10-Bit Rail-to-Rail DACs with Integrated Reference in SC70; Package: SC70; No of Pins: 12; Temperature Range: -40° to 125°C SERIAL INPUT LOADING, 4.8 us SETTLING TIME, 12-BIT DAC, PDSO6 Single 10-Bit Rail-to-Rail DACs with Integrated Reference in SC70; Package: SC70; No of Pins: 6; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 3.9 us SETTLING TIME, 10-BIT DAC, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX9117 MAX9117EXK-T MAX9118EXK-T MAX9119EXK MAX91 |
SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference SC70封装1.8V的,Nanopower,超越摆幅比较有/无参 "SC70, 1.8V, 350nA Comparator with Open- Drain Output" "SC70, 1.8V, Nanopower, Beyond-the-Rails Comparator With Reference (Open-Drain)" SC70 / 1.8V / Nanopower / Beyond-the-Rails Comparators With/Without Reference
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|